PART |
Description |
Maker |
218500 218125 218010 218016 218160 218032 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse 5 × 20毫米时滞保险丝(斯洛文尼 Blo)保险丝
|
Littelfuse, Inc.
|
218250P 218016P 218025P 218125P 218032P 218010P 21 |
5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse 5 × 20毫米时滞保险丝(斯洛文尼 Blo)保险丝
|
Littelfuse, Inc.
|
221 215.200 215.250 215.315 215.400 215.500 215.63 |
5 x 20 mm Time Lag Fuse (Slo-Blo Fuse) 215/221 Series
|
LITTELFUSE[Littelfuse]
|
229225P 230225P 229600P 230250P 230350P 229035P 23 |
2AG Slo-Blo Fuse 2AG斯洛伐克- Blo保险
|
Littelfuse, Inc.
|
0275020.MRT1L 0275030.MRT1L 0275030.MXL 0275030.VX |
275 Series, PICO , Very Fast-Acting Fuse VERY FAST BLOW ELECTRIC FUSE, 30A, 32VAC, 32VDC, 100A (IR), THROUGH HOLE
|
Littelfuse
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
R45903.5 460 R459.062 R459.125 R459.250 R459.375 R |
PICO SMF Very Fast-Acting Type Fuse 459 Series
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
0213.250MXE- 0213.200MXEP 0213.315MXE- 0213.500MXE |
213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse 213 Series, 5 x 20 mm, Time-Lag (Slo-Blo?) Fuse
|
Littelfuse
|
2302.25P 229.250P 229.350P 229.375P 229.500P 229.6 |
2AG Slo-Blo Fuse Axial Lead and Cartridge Fuses - Subminiature Glass Body
|
LITTELFUSE[Littelfuse]
|
0230.375DRT1SP 023001.5DRT1SSP 02302.25DRT2SP 0230 |
TIME LAG BLOW ELECTRIC FUSE, 0.375A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 1.25A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT TIME LAG BLOW ELECTRIC FUSE, 2.5A, 250VAC, 125VDC, 100A (IR), THROUGH HOLE ROHS COMPLAINT 229/230 Series Lead-Free 2AG, Slo-Blo? Fuse and Indicating Slo-Blo? Fuse TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 3.5A, 250VAC, 125VDC, 100A (IR), INLINE/HOLDER TIME LAG BLOW ELECTRIC FUSE, 0.35A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.75A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 400A (IR), THROUGH HOLE TIME LAG BLOW ELECTRIC FUSE, 0.25A, 250VAC, 125VDC, 35A (IR), THROUGH HOLE
|
HIROSE ELECTRIC Co., Ltd. Littelfuse
|
281010 281 281005 281007 281008 |
Fuseholders - For MicroTM Fuse or Pico II Fuses
|
LITTELFUSE[Littelfuse]
|
|